Part Number Hot Search : 
W2K7J LM431BCZ AOL1413 CAT511 1050QA1 M3611 530VW6C A1203
Product Description
Full Text Search
 

To Download L2SC3838NLT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. 1/2 high-frequency amplifier transistor z features 1.high transition frequency.(typ.f t =3.2ghz) 2.small rbb`cc and high gain.(typ.4ps) 3.small nf. l2sc3838nlt1g maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit collector-base voltage v cbo 20 v collector-emitter voltage v ceo 11 v emitter-base voltage v ebo 3v collector current i c 50 ma collector power dissipation p c 0.2 w junction temperature t j 150 c storage temperature t stg -55~+150 c electrical characteristics( t a = 25 c ) parameter symbol min. typ max. unit conditions collector-base breakdown voltage bv cbo 20 -- vi c =10 a collector-emitter breakdown voltage bv ceo 11 -- vi c =1ma emitter-base breakdown voltage bv ebo 3 -- vi e =10 a collector cutoff current i cbo -- 0.5 av cb =10v emitter cutoff current i ebo -- 0.5 av eb =2v collector-emitter saturation voltage v ce(sat) -- 0.5 v i c /i b =10ma/5ma dc current transfer ratio h fe 56 - 120 - v ce /i c =10v/5ma transition frequency f t 1.4 3.2 - ghz v ce =10v, i e =-10ma, f=500mhz output capacitance cob - 0.8 1.5 pf v cb =10v, i e =0a, f=1mhz collector-base time constant rbb`cc - 412psv cb =10v, i c =10ma, f=31.8mhz noise factor nf - 3.5 - db v ce =6v, i c =2ma, f=500mhz,rg=50 ? device marking l2sc3838nlt1g=apn 1 base 2 emitter collector 3 1 2 3 4. ordering information device package shipping l2sc3838nlt1g 3000/tape & reel sot-23 l2sc3838nlt3g sot-23 10000/tape & reel z we declare that the material of product compliance with rohs requirements.
notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 leshan radio company, ltd. 2/2 l2sc3838nlt1g


▲Up To Search▲   

 
Price & Availability of L2SC3838NLT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X